Part Number Hot Search : 
F0810 LP2950AC C76RL TC391CL ICS42105 M30201M2 STW30 0000R048
Product Description
Full Text Search
 

To Download PC110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC110L/PC111L/PC112L/PC113L
PC110L/PC111L PC112L/PC113L
s Features
1. Long creepage distance type ( Creepage distance : 8mm or more ) *1 2. Internal insulation distance : 0.5mm or more 3. Recognized by UL(No. E64380) Approved by VDE ( DIN-VDE0884 : No. 77292 ) Approved by BSI ( BS415 : 6690, BS7002 : 7421 ) Approved by SEMKO ( PC110L : No. 8705118 PC111L : No. 8705119 PC112L : No. 8705120 PC113L : No. 8705121 ) Approved by DEMKO ( No. 37150 ) 4. High collector-emitter voltage ( VCEO : 70V) : PC112L/PC113L 5. High isolation voltage between input and output ( Viso : 5 000V rms ) 6. Dual-in-line package *1 Allows pin-to-pin distance minus PWB land space to be 8mm or more.
Long Creepage Distance Type Photocoupler
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC110LI / PC111LI / PC112LI / PC113LI , PC110LP0 / PC111LP0 / PC112LP0 / PC113LP0 ) g DIN-VDE0884 approved type is also available as an option.
s Outline Dimensions
1.2 0.3 6 5 4 6
( Unit : mm )
g Internal
connection diagram 5 4
PC110
6.5 0.5
1 2 3 9.22 0.5 Anode mark (Sunken place ) 3.5 0.5
1
2 7.62 0.3
3
3.6 0.5
3.2 0.3
0.5 0.1
10.16 0.5 1 Anode 2 Cathode 3 NC
0.26 0.1
4 Emitter 5 Collector 6 Base ( 6 : NC )
g PC111, PC113 have no base terminals.
s Applications
1. Switching power supplies 2. Home appliances and OA equipment for export to Europe 3. System appliances, measuring instruments
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
PC110L/PC111L/PC112L/PC113L s Absolute Maximum Ratings
Parameter Forward current *2 Peak forward current Reverse Voltage Power dissipation Collector-emitter voltage Emitter-collector voltage *3 Collector-base voltage *3 Emitter-base voltage Collector current Collector power dissipation Total power dissipation *4 Isolation voltage Operating temperature Storage temperature *5 Soldering temperature Symbol IF I FM VR P PC110L/PC111L PC112L/PC113L PC110L PC112L PC110L/PC112L PC110L/PC111L PC112L/PC113L PC110L/PC111L PC112L/PC113L V CEO V ECO V CBO V EBO IC PC P tot V iso T opr T stg T sol
( Ta = 25C )
Rating 50 1 6 70 35 70 6 35 70 6 50 150 160 170 200 5 000 - 30 to + 100 - 55 to + 125 260 Unit mA A V mW V V V V mA mW mW Vrms C C C
Input
Output
*2 Pulse width <=100 s, Duty ratio: 0.001 *3 Applies only to PC110L, PC112L. *4 40 to 60% RH, AC for 1 minute *5 For 10 seconds
s Electro-optical Characteristics
Parameter Forward voltage Reverse current Terminal capacitance Collector dark current PC110L/PC111L Collector-emitter PC112L/PC113L brakedown voltage Emitter-collector breakdown voltage PC110L Collector-base breakdown voltage PC112L PC110L Current PC111L transfer ratio PC112L/PC113L Collector-emitter saturation voltage Isolation resistance Floating resistance Cut-off frequency PC110L/PC111L Rise time PC112L/PC113L PC110L/PC111L Fall time PC112L/PC113L Response time Symbol VF IR Ct ICEO BV CEO BV ECO BV CBO CTR V CE(sat) R ISO Cf fC tr tf Conditions IF = 20mA VR = 4V V = 0,f = 1kHz VCE = 20V, I F = 0, R IC = 0.1mA, I F = 0 IE = 10 A, I F = 0 IC = 0.1mA, I F = 0 IF = 5mA, VCE = 5V, R BE = IF = 10mA, VCE = 5V, RBE = IF = 20mA, I C = 1mA, R BE = DC500V, 40 to 60% RH V = 0, f = 1MHz VCE = 5V, I C = 2mA, R L = 100 , - 3dB VCE = 2V, I C = 2mA RL = 100 MIN. TYP. 1.2 30 35 70 6 35 70 50 50 100 40 0.1 5 x 1010 1 x 1011 0.6 80 4 4 3 3
( Ta = 25C )
MAX. 1.4 10 250 10 - 7 400 400 320 0.2 1.0 18 15 18 15 Unit V A pF A V V V % V pF kHz s s
Input
BE
=
Output
Transfer characteristics
PC110L/PC111L
Model No. PC110L1/PC111L1 PC110L2/PC111L2 PC110L5/PC111L5 PC110L/PC111L CTR ( % ) 50 to 125 100 to 250 50 to 250 50 to 400
PC112L/PC113L
Model No. PC112L1/PC113L1 PC112L2/PC113L2 PC112L5/PC113L5 PC112L/PC113L CTR ( % ) 40 to 120 80 to 200 40 to 200 40 to 320
PC110L/PC111L/PC112L/PC113L
Fig. 1 Forward Current vs. Ambient Temperature
60 Diode power dissipation P ( mW )
Fig. 2 Diode Power Dissipation vs. Ambient Temperature
120
Forward current I F ( mA )
50
100
40
80 70 60
30
20
40
10 0 - 30
20 0 - 30
0
25
50
75
a
100 ( C )
125
0
25
50
75
a
100 ( C )
125
Ambient temperature T
Ambient temperature T
Fig. 3 Collector Power Dissipation vs. Ambient Temperature
200 Collector power dissipation P C ( mW ) PC112L PC113L
Fig. 4 Power Dissipation vs. Ambient Temperature
( mW )
160 150
250 PC112L PC113L
Power dissipation P
tot
PC110L PC111L
200 170 150
100
PC110L PC111L
100
50
50 0 - 30 0 - 30
0
25
50
75
a
100 ( C )
125
0
25
50
75
100
Ambient temperature T
Ambient temperature T a ( C )
Fig. 5 Peak Forward Current vs. Duty Ratio
10000 5000 Peak forward current IFM ( mA ) 2000 1000 500 200 100 50 20 10 5
5 10 - 3 2 5 10 - 2 2 5 10 - 1 2 5
Fig. 6 Forward Current vs. Forward Voltage
500 200 ( mA ) 100 50 20 10 5 2 1 T a = 75C 50C 25C 0C - 25C
Pulse width <=100 s T a = 25C
1
Forward current I
F
0
0.5
1.0
1.5
2.0
2.5
F
3.0
3.5
Duty ratio
Forward voltage V
(V)
PC110L/PC111L/PC112L/PC113L
Fig. 7-a Current Transfer Ratio vs. Forward (PC110L, PC111L * ) Current ( *Applies only to R BE= )
200 180 Current transfer ratio CTR ( % ) 160 140 120 100 80 60 40 20 500k 0 0.1 1 10 Forward current I F ( mA ) 100 0 0.1 100k 500k 1 10 Forward current I F ( mA ) 100 R BE = V CE = 5V T a = 25C Current transfer ratio CTR ( % ) 80
Fig. 7-b Current Transfer Ratio vs. Forward (PC112L, PC113L * ) Current ( *Applies only to R BE= )
100 V CE = 5V T a = 25C
60 R BE =
40
20 100k
Fig. 8-a Collector Current vs. Collectoremitter Voltage (PC110L, PC111L ) 60
R BE = 50 Collector current I C ( mA ) T a = 25C
Fig. 8-b Collector Current vs. Collectoremitter Voltage (PC112L, PC113L ) 30
R BE = 25 ( mA ) I F = 30mA T a = 25C Pc ( MAX.) 20 20mA 15
40 P C ( MAX. ) 30 I F = 30mA 20mA 20 10mA 10 5mA 0 1 2 3 4 5 6 7 8 Collector-emitter voltage V CE ( V ) 9
Collector current I
C
10 10mA 5 5mA
0
0 0 2 4 6 8 Collector-emitter voltage V CE ( V ) 10
Fig. 9-a Relative Current Transfer Ratio vs. Ambient Temperature (PC110L, PC111L )
150 Relative current transfer ratio ( % ) I F = 5mA V CE = 5V R BE =
Fig. 9-b Relative Current Transfer Ratio vs. Ambient Temperature (PC112L, PC113L )
150 Relative current transfer ratio ( % ) I F = 10mA V CE = 5V R BE =
100
100
50
50
0 - 30
0
20
40
60
80
100
0 - 30
0
20
40
60
80
100
Ambient temperature T a ( C )
Ambient temperature T a ( C )
PC110L/PC111L/PC112L/PC113L
Fig.10-a Collector-emitter Saturation Voltage vs. Ambient Temperature (PC110L, PC111L )
0.16 0.14 Collector-emitter saturation voltage V CE(sat ) 0.12 0.10 0.08 0.06 0.04 0.02 0 - 30 0 20 40 60 80 Ambient temperature T a ( C ) 100 I F = 20mA I C = 1mA R BE =
Fig.10-b Collector-emitter Saturation Voltage vs. Ambient Temperature (PC112L, PC113L )
0.16 0.14 Collector-emitter saturation voltage V CE(sat) 0.12 0.10 0.08 0.06 0.04 0.02 0 - 30 0 20 40 60 80 Ambient temperature T a ( C ) 100 I F = 20mA I C = 1mA R BE =
Fig.11-a Collector Dark Current vs. Ambient Temperature (PC110L, PC111L ) -5
10 I CBO ( A ) 5 10
-6
Fig.11-b Collector Dark Current vs. Ambient Temperature (PC112L, PC113L ) -5
10 I CBO ( A ) 5 10
-6
R BE =
R BE =
5 10
-7
ICEO V CE = 20V
5 10
-7
ICEO V CE = 20V
CEO ,
Collector dark current I
10
-8
Collector dark current I
5
CEO ,
5 10
-8
5 10
-9
ICBO V CB = 30V
5 ICBO 10
-9
5 10
- 10
5 10
- 10
V CB = 30V
5 10
- 11
5 0 20 40 60 80 100 10
- 11
- 30
- 30
0
20
40
60
80
100
Ambient temperature T a ( C )
Ambient temperature T a ( C )
Fig.12-a Response Time vs. Load Resistance (PC110L, PC111L )
500 200 100 Response time ( s ) 50 20 10 5 2 1 0.5 0.2 0.1 0.01 td ts tf tr V CE = 2V I C = 2mA R BE = T a = 25C
Fig.12-b Response Time vs. Load Resistance ( PC112L, PC113L )
500 200 100 Response time ( s ) V CE = 2V I C = 2mA R BE = T a = 25C tr tf tf tr td ts
tr tf
50 20 10 5 2 1 0.5 0.2 0.1 0.01
0.1
1
10
50
0.1
1
10
50
Load resistance R L ( k )
Load resistance R L ( k )
PC110L/PC111L/PC112L/PC113L
Test Circuit for Response Time
Test Circuit for Frequency Response
VCC Input RD RL Output
Input Output 10% 90% td ts tr tr RD
VCC RL Output
PC111L and PC113L have no base terminal.
PC111L and PC113L have no base terminal.
Fig.13-a Frequency Response (PC110L, PC111L )
V CE = 5V I C = 2mA R BE = T a = 25C
Fig.13-b Frequency Response (PC112L, PC113L )
V CE = 5V I C = 2mA R BE = T a = 25C
0 ( dB )
0 ( dB )
V
Voltage gain A
- 10
RL = 10k
1k
100
Voltage gain A
-5
V
-5 R L = 10k 1k 100
- 10
- 15
- 15
- 20 0.2
0.5 1
2
5 10 20 50 100 200 Frequency f ( kHz )
500 1000
- 20 0.2
0.5 1
2
5 10 20 50 100 200 Frequency f ( kHz )
500 1000
Fig.14-a Collector-emitter Saturation Voltage vs. Forward Current (PC110L, PC111L )
6 I C = 0.5mA 1mA 5 Collector-emitter saturation voltage V CE(sat ) ( V) 3mA 5mA 7mA 3 T a = 25C
Fig.14-b Collector-emitter Saturation Voltage vs. Forward Current (PC112L, PC113L )
6 I C = 0.5mA 5 Collector-emitter saturation voltage V CE(sat ) ( V) 1mA 4 3mA 3 5mA 7mA 2 T a = 25C
4
2
1
1
0
0
2
4
6
8
10
12
14
0
0
2
4
6
8
10
12
14
Forward current I F ( mA )
Forward current I F ( mA )
q Please refer to the chapter " Precautions for Use "


▲Up To Search▲   

 
Price & Availability of PC110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X